Part Number Hot Search : 
C944P 231K1 1837488 D5341 KCUSB3 BSS84 55473 CTGS104
Product Description
Full Text Search
 

To Download XFL4015-181ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C xfl4015 document 769-1 document 769-1 revised 07/18/12 inductance 2 dcr (mohms) 3 srf typ 4 isat (a) 5 irms (a) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise XFL4015-181ME_ 0.18 4.20 4.70 150 6.2 8.0 8.5 12.0 14.5 xfl4015-331me_ 0.33 6.80 7.50 112 5.5 7.0 7.5 9.6 13.2 xfl4015-471me_ 0.47 7.60 8.36 89 3.5 5.4 6.6 9.1 11.2 xfl4015-701me_ 0.70 9.50 10.45 70 3.3 5.3 6.3 7.2 10.1 xfl4015-122me_ 1.2 18.8 20.7 61 2.6 3.7 4.5 5.1 7.1 1. when ordering, please specify packaging code: xfl4015-471mec packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (1000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (4000 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c455 contains 5 of each xfl4012 and xfl4015 value. core material composite environmental rohs compliant, halogen free weight 0.128 - 0.136 g terminations rohs compliant tin-silver over copper. other terminations available at additional cost. ambient temperature C40c to +125c with i rms current, +125c to +165c with derated current. storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1000/7 reel; 4000/13 reel plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.78 mm pocket depth pcb washing only pure water or alcohol recommended ? very low profle, only 1.5 mm high ? extremely low dcr, excellent current handling, soft saturation i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. dimensions are in inches mm xxx 0.157 0.012 4,0 0,3 0.157 0.012 4,0 0,3 0.059 0.004 1,50 0,1 0.126 3,2 0.063 1,6 0.096 2,45 0.057 1,45 0.145 3,7 r ecommended land p attern dash n umber 0.032 0.002 0,82 0,05 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductors C xfl4015 document 769-2 document 769-2 revised 07/18/12 typical l vs frequency typical l vs current irms derating 0.47 h 1.2 h 0.18 h 0.33 h 0.1 1 100 10 frequenc y (mhz) inductance (h) 0.70 h 0.01 0.1 1 10 -40 -20 02 04 06 08 0 100 180 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c 0 0.10 0.05 0.20 0.25 0.15 0.03 current (a) inductance (h) 0.18 h 0 1.0 0.5 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 0 2.0 2.5 1.0 1.5 0.5 3.0 3.5 4.0 4.5 6.0 6.5 7.0 7.5 5.0 5.5 8.0 0 0.1 0.2 0.3 0.4 0.5 current (a) inductance (h) 0.33 h 0 0.2 0.1 0.4 0.3 0.6 0.7 1.5 0.8 current (a) inductance (h) 0.47 h 0 2.0 2.5 1.0 1.5 0.5 3.0 3.5 4.0 4.5 6.0 6.5 7.0 5.0 5.5 0 2 4 6 8 10 current (a) inductance (h) 0.70 h 0 2.0 2.5 1.0 1.5 0.5 3.0 3.5 4.0 4.5 6.0 6.5 7.0 5.0 5.5 0 0.8 0.4 1.2 1.6 current (a) inductance (h) 1.2 h 0 1.5 0.5 1.0 2.0 2.5 3.5 4.0 3.0 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of XFL4015-181ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X